Part Number Hot Search : 
TKD28A SB5045 CM110 TKD13A 2M36Z 2M36Z OMH3040B CSND691
Product Description
Full Text Search
 

To Download HLMP-6505A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE T-3/4 LED
DIFFUSED and CLEAR LAMPS
HIGH EFF. RED YELLOW GREEN AIGaAs RED HLMP-6305A HLMP-6405A HLMP-6505A HLMP-Q105A Water Water Water Water Clear Clear Clear Clear MV6700A MV6300A MV6400A HLMP-Q150A Red Diffused Yellow Diffused Green Diffused Red Diffused
PACKAGE DIMENSIONS
.087 (2.2) .079 (2.0) .024 (.6) .016 (.4) .276 (7.0) MIN
FEATURES
* Subminiature T-3/4 transfer molded * Low package profile * Axial leads * Wide viewing angle
.091 (2.3) .083 (2.1)
* SMT versions
.075 (1.9) DIA .063 (1.6) .010 (.26) .002 (.06)
.020 (.5) .012 (.3)
DESCRIPTION
These T-3/4 subminiature LED lamps feature a square-base, transfer molded package for surface mount applications. A tinted diffused or water clear epoxy lens available in AIGaAs red, high-efficiency red, green, and yellow produces wide-angle beam emission and sharp on/off contrast. They are available with gullwing lead bends for top mounting, as well as yoke lead bends and Z-bends for mounting to the back of a PCB.
.058 (1.48) .050 (1.28) .056 (1.44) .048 (1.24)
.031 (.78) .023 (.58) CATHODE MARK (COLOR STRIPE ON SIDE OF PACKAGE)
NOTES: ALL DIMENSIONS ARE IN INCHES (mm).
ABSOLUTE MAXIMUM RATING
Parameter Power Dissipation Average Forward Current Peak Forward Current (1 S pulsewidth, 0.1% DF) Lead Soldering Time at 260 C Operating Temperature Storage Temperature
(TA =25C) HLMP-6305A MV6700A 135 30 90 5 -55 to +100 -55 to +100 HLMP-6405A MV6300A 85 20 60 5 -55 to +100 -55 to +100 HLMP-6505A MV6400A 135 30 90 5 -50 to +100 -50 to +100 HLMP-Q105A HLMP-Q150A 85 30 300 5 -20 to +100 -20 to +100 UNITS mW mA mA sec C C
2001 Fairchild Semiconductor Corporation DS300000 2/27/01
1 OF 5
www.fairchildsemi.com
SUBMINIATURE T-3/4 LED
DIFFUSED and CLEAR LAMPS
ELECTRICAL / OPTICAL CHARACTERISTICS
Part Number QTLPLuminous Intensity (mcd) Minimum Typical Forward Voltage (V) Maximum Typical Peak Wavelength (nm) Spectral Line Half Width (nm) Reverse Voltage (V) Viewing Angle () 3.0 1.8 635 40 5 50 3.0 2.0 585 36 5 50 3.0 2.0 565 28 5 50 1.8* 1.6* 660 20 5 50 *Tested at I F = 1mA IF = 10mA IF = 10mA IR = 100A IF = 10mA 1.0 3.0 1.0 3.0 1.0 3.0 1.0* 1.8* *Tested at I F = 1mA IF = 10mA MV6700A (TA =25C) MV6400A HLMP-Q150A Condition IF = 10mA
MV6300A
ELECTRICAL / OPTICAL CHARACTERISTICS
Part Number QTLPLuminous Intensity (mcd) Minimum Typical Forward Voltage (V) Maximum Typical Peak Wavelength (nm) Spectral Line Half Width (nm) Reverse voltage (V) Viewing Angle () 3.0 1.8 635 40 5 25 3.0 12.0 HLMP-6305A
(TA =25C) HLMP-6505A 3.0 12.0 3.0 2.0 565 28 5 25 HLMP-Q105A 20.0** 50.0** 2.4** 1.8** 660 20 5 25 **Tested at IF = 20mA IF = 10mA IF = 10mA IR = 100A IF = 10mA **Tested at I F = 20mA IF = 10mA Condition IF = 10mA
HLMP-6405A 3.0 12.0 3.0 2.0 585 36 5 25
www.fairchildsemi.com
2 OF 5
2/27/01
DS300000
SUBMINIATURE T-3/4 LED
DIFFUSED and CLEAR LAMPS
TYPICAL PERFORMANCE CURVES
(TA =25C)
90
2.5
RELATIVE LUMNOUS INTENSITY (NORMALIZED AT 10 mA)
80
AlGaAs RED
IF - FORWARD CURRENT (mA)
70 60 50 40 30 20 10 GREEN 0 1.0 2.0 3.0 4.0 5.0 YELLOW HER
2.0 HER YELLOW GREEN
1.5
1.0
AlGaAs RED
0.5
0.0 0 5 10 15
VF - FORWARD VOLTAGE (V)
IF - DC FORWARD CURRENT (mA)
Fig. 1 Forward Current vs. Forward Voltage
Fig. 2 Relative Luminous Intensity vs. DC Forward Current
1.0
GREEN
YELLOW
AlGaAs RED
RELATIVE INTENSITY
0.5
HER
0 500 550 600 650 700 750
WAVELENGTH (nm)
Fig. 3 Relative Intensity vs. Peak Wavelength
DS300000
2/27/01
3 OF 5
www.fairchildsemi.com
SUBMINIATURE T-3/4 LED
DIFFUSED and CLEAR LAMPS OPTIONAL CONFIGURATIONS
GULLWING LEAD CONFIGURATION FEATURES
* Available in Gullwing, Yoke and Z-bend lead formings * Compatible with automatic placement equipment
.087 (2.2) .079 (2.0) CATHODE ANODE
* Compatible with vapor phase reflow soldering processes * Long life solid state reliability * Reel and tape or bulk packaging available
.091 (2.3) .083 (2.1)
.024 (.6) .016 (.4) .154 (3.90) .148 (3.75)
DESCRIPTION
.020 (.5) .012 (.3)
These subminiature solid state lamps are transfer molded in an axial lead package. They are available in yellow, green, high efficiency red and AIGaAs red in both diffused and water clear lens. Automatic placement equipment can be used to mount the LEDs on the PC board. The lamps can be mounted using either batch or in line vapor phase reflow solder processes.
.078 (1.9) .063 (1.6) .058 (1.48) .050 (1.28)
.115 (2.92) .099 (2.52)
.010 (.26) .002 (.06)
.016 (.4) .008 (.2)
.033 (.82) .000 (.00)
.039 (1.0) .028 (.7)
NOTES: ALL DIMENSIONS ARE IN INCHES (mm)
YOKE LEAD CONFIGURATION
Z-BEND LEAD CONFIGURATION
.087 (2.2) .079 (2.0)
.020 (.5) .012 (.3)
.087 (2.2) .079 (2.0) ANODE CATHODE .091 (2.3) .083 (2.1) .024 (.6) .016 (.4)
.024 (.6) .016 (.4) CATHODE
.091 (2.3) .083 (2.1)
.240 (6.1) .232 (5.9)
.020 (.5) .012 (.3)
.300 (7.62) MAX
ANODE
.128 (3.24) .112 (2.84)
.078 (1.9) .063 (1.6) .058 (1.48) .050 (1.28) .047 (1.2) .031 (0.8) .010 (.26) .002 (.06) .033 (.85) .026 (.65)
.078 (1.9) .063 (1.6) .058 (1.48) .050 (1.28)
.039 (.99) .023 (.59) .010 (.26) .002 (.06)
.115 (2.92) .099 (2.52)
.117 (2.96) .100 (2.56)
.048 (1.22) .032 (.82)
.033 (.85) .026 (.66)
.189 (4.8) .173 (4.4)
.034 (.86) .026 (.66)
www.fairchildsemi.com
4 OF 5
2/27/01
DS300000
SUBMINIATURE T-3/4 LED
DIFFUSED and CLEAR LAMPS
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body,or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
DS300000
2/27/01
5 OF 5
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of HLMP-6505A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X